Part Number Hot Search : 
AD521SD P6SMB BR1002 56F835 M61283FP ALVCH M16811 NJM2193M
Product Description
Full Text Search
 

To Download B250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds13004 rev. 7 - 2 1 of 3 b220/a-b260/a www.diodes.com  diodes incorporated b220/a - b260/a 2.0a surface mount schottky barrier rectifier maximum ratings and electrical characteristics @ t a = 25c unless otherwise specified  schottky barrier chip  guard ring die construction for transient protection  ideally suited for automatic assembly  low power loss, high efficiency  surge overload rating to 50a peak  for use in low voltage, high frequency inverters, free wheeling, and polarity protection application  high temperature soldering: 260c/10 second at terminal  available in lead free version single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. mechanical data  case: molded plastic  plastic material - ul flammability classification 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solder plated terminal - solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  polarity: cathode band or cathode notch  approx. weight: sma 0.064 grams smb 0.093 grams  mounting position: any  marking: type number no suffix designates smb package ?a? suffix designates sma package sma smb dim min max min max a 2.29 2.92 3.30 3.94 b 4.00 4.60 4.06 4.57 c 1.27 1.63 1.96 2.21 d 0.15 0.31 0.15 0.31 e 4.80 5.59 5.00 5.59 g 0.10 0.20 0.10 0.20 h 0.76 1.52 0.76 1.52 j 2.01 2.62 2.00 2.62 all dimensions in mm a b c d g h e j notes: 1. thermal resistance: junction to terminal, unit mounted on pc board with 5.0 mm 2 (0.013 mm thick) copper pad as heat sink. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc. characteristic symbol b220/a b230/a b240/a B250/a b260/a unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v rms reverse voltage v r(rms) 14 21 28 35 42 v average rectified output current @ t t = 100c i o 2.0 a non-repetitive peak forward surge current, 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage @ i f = 2.0a v fm 0.50 0.70 v peak reverse current @ t a = 25c at rated dc blocking voltage @ t a = 100c i rm 0.5 20 ma typical junction capacitance (note 2) c j 200 pf typical thermal resistance, junction to terminal r  jt 20 k/w typical thermal resistance, junction to ambient (note 1) r  ja 25 k/w operating and storage temperature range t j, t stg -65 to +150 c features
ds13004 rev. 7 - 2 2 of 3 b220/a-b260/a www.diodes.com xxx = product type marking code, ex: b220a (sma package) xxxx = product type marking code, ex: b230 (smb package) = manufacturers? code marking yww = date code marking y = last digit of year ex: 2 for 2002 ww = week code 01 to 52 yww xxx(x) notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. * x = device type, e.g. b260a-13 (sma package); b240-13 (smb package). 4. for lead free terminal plating part number, please add "-f" suffix to part number above. example: B250-13-f. device * packaging shipping b2x-13 b2xb-13 sma smb 5000/tape & reel 3000/tape & reel ordering information (note 3 & 4)
ds13004 rev. 7 - 2 3 of 3 b220/a-b260/a www.diodes.com 0.01 0.1 1.0 10 0 0.2 0.4 0.6 0.8 1.0 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g .2 t y pical forward characteristics b220 thru b240 B250 thru b260 t - 25oc j i pulse width = 300 ms f 0 10 20 30 40 50 110100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 max non-repetitive peak forward sur g e current single half-sine-wave (jedec method) 10 100 1000 0.1 1 10 100 c , junction capacitance (pf) j v , reverse voltage (v) r fi g .4 t y pical junction capacitance t = 25c j f = 1mhz 0 20 40 60 80 100 120 140 i , instantaneous reverse current (ma ) r percent of rated peak reverse voltage (%) fi g . 5 t y pical reverse characteristics t = 100c j t = 75c j t = 25c j 100 10 1.0 0.1 0.01 0.001 0 0.5 1.0 25 50 75 100 125 150 i average forward current (a) o, t , terminal temperature (oc) t fi g . 1 forward current deratin g curve 1.5 2.0 2 .5


▲Up To Search▲   

 
Price & Availability of B250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X